PART |
Description |
Maker |
LT1105 LT1103 LT1103C LT1105C LT1105I LT1103CT7 |
4-Bit Synchronous Up/Down Binary Counters 16-SOIC 0 to 70 Offline Switching Regulator RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS SWITCHING CONTROLLER, 200 kHz SWITCHING FREQ-MAX, PZFM7
|
Linear Technology Corporation Linear Technology, Corp.
|
MC3416705 MC34167TVG MC33167 MC33167D2T MC33167D2T |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 8 A SWITCHING REGULATOR, 81 kHz SWITCHING FREQ-MAX, PSFM5 5.0 A, Step−Up/Down/Inverting Switching Regulators
|
ONSEMI[ON Semiconductor]
|
RSS-093.3 RSS050P03 RSS100N03 RSS130N03 RSS065N03 |
Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:25-20 Switching (30V / 5.0A) Switching (30V / 10A) Switching (30V / 13A) Switching (30V / 6.5A) Switching (30V / 9A) ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉
|
RECOM Power Inc. Rohm RECOM Electronic GmbH
|
MC33363B MC33363BP |
HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR Isolated Flyback Switching Regulator with 9V Output 1 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDIP13
|
Motorola ON Semiconductor
|
LTC1430ISPBF LTC1430-15 |
High Power Step-Down Switching Regulator Controller Isolated Flyback Switching Regulator with 9V Output SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
STRS6707 STR-S6707 STR-S6708 STR-S6709 TRS6707 STR |
OFF-LINE SWITCHING REGULATORS - WITH BIPOLAR SWITCHING TRANSISTOR OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR Off-Line Switching Regulator With Bipolar Switching Transistor(峰值输出电5A,输出功率直20W50V输出,带双极开关晶体管的脱线开关稳压器) Off-Line Switching Regulator With Bipolar Switching Transistor(峰值输出电2A,输出功率直20W50V输出,带双极开关晶体管的脱线开关稳压器) RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
LTC1539IGWPBF |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2 A SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO36
|
Linear Technology, Corp.
|
BD9120HFN BD9106FVM BD9106FVM09 BD9107FVM BD9109FV |
2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO8 5 X 6 MM, ROHS COMPLIANT, SON-8 High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
|
Rohm
|
LT1766 LT1766EGN-5 LT1766IGN-5 LT1766EFE-5 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulators 5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator 5.5V to 60V 1.5A/ 200kHz Step-Down Switching Regulator RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 228 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology Corporation Linear Technology, Corp.
|
LTC1736C LTC1736I LTC1736CGTRPBF |
5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 3 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO24 Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出
|
Linear Technology, Corp.
|
KA3S0880RB KA3S0880RB-TU KA3S0880RB-YDTU KA3S0880R |
CAP TANT LOESR 220UF 4.0V 10%SMD 32 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PSFM5 Fairchild Power Switch(SPS) 32 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PZFM5 SLEC28S2S 32 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PSFM5 From old datasheet system
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|